Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ID2006SEC-R1 Datasheet(PDF) 4 Page - Wuxi Chipown Micro-electronics limited

Part # ID2006SEC-R1
Description  High-Side & Low-Side Gate Drive IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

ID2006SEC-R1 Datasheet(HTML) 4 Page - Wuxi Chipown Micro-electronics limited

  ID2006SEC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ID2006
Chipown
www.chipown.com
Wuxi Chipown Microelectronics Limited
Rev.1.0
4/7
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Symbol
Definition
MIN
TYP.
MAX.
Units
tON
High & low side turn on propagation delay
--
150
250
ns
tOFF
High & low side turn off propagation delay
--
110
250
MT
Delay matching time (tON, tOFF)
--
--
50
DT
Dead time
--
300
--
tR
Turn on rising time
--
60
100
tF
Turn off falling time
--
60
100
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Symbol
Definition
MIN.
TYP.
MAX.
Units
ILK
High-side floating supply leakage current
--
--
50
μA
IQBS
Quiescent VBS supply current
--
70
120
IQCC
Quiescent VCC supply current
--
200
280
UVCCT
VCC supply under-voltage trigger voltage
4.4
5.0
5.6
V
VUVCCHY
VCC supply under-voltage hysteresis
--
0.3
--
UVBST
VBS supply under-voltage trigger voltage
3.2
3.8
4.4
VUVBSHY
VBS supply under-voltage hysteresis
--
0.3
--
VOH
High level output voltage drop, VBIAS - VO
--
--
0.2
V
VOL
Low level output voltage drop, VO
--
--
0.1
IO+
Output High short circuit pulsed current
--
1
--
A
IO-
Output low short circuit pulsed current
--
1
--
VIH
High level input threshold voltage
2.5
--
--
V
VIL
Low level input threshold voltage
--
--
0.8
IIN+
Logic “1” input bias current (HIN “1” & LIN “1”)
--
10
20
μA
IIN-
Logic “0” input bias current (HIN “0” & LIN “0”)
--
15
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com