Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ID2006SEC-R1 Datasheet(PDF) 5 Page - Wuxi Chipown Micro-electronics limited

Part # ID2006SEC-R1
Description  High-Side & Low-Side Gate Drive IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

ID2006SEC-R1 Datasheet(HTML) 5 Page - Wuxi Chipown Micro-electronics limited

  ID2006SEC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ID2006
Chipown
www.chipown.com
Wuxi Chipown Microelectronics Limited
Rev.1.0
5/7
Function Timing Diagram
LIN
HIN
LO
HO
Fig.1 Input and output timing waveform
HIN/LIN
HO/LO
5V
0V
0V
15V
10%
90%
50%
ton
50%
toff
tf
tr
Fig.2 Propagation and Rise/Fall time definition
10%
90%
50%
50%
LO
HO
MT
LO
HO
MT
0V
15V
0V
15V
0V
5V
HIN/LIN
Fig.3 Delay matching definition



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com