Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ID2006SEC-R1 Datasheet(PDF) 6 Page - Wuxi Chipown Micro-electronics limited

Part # ID2006SEC-R1
Description  High-Side & Low-Side Gate Drive IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

ID2006SEC-R1 Datasheet(HTML) 6 Page - Wuxi Chipown Micro-electronics limited

  ID2006SEC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ID2006
Chipown
www.chipown.com
Wuxi Chipown Microelectronics Limited
Rev.1.0
6/7
Package Information
SOP8 Package Outlines and Dimensions
D
A3
A2 A
A1
L
L1
θ
c
0.25
b
e
B
B
E1
E
BASE METAL
SECTION B-B
WITH PLATING
b
b1
c1 c
h
Size
Symbol
Min.
(mm)
Typ.
(mm)
Max.
(mm)
Size
Symbol
Min.
(mm)
Typ.
(mm)
Max.
(mm)
A
-
-
1.75
D
4.70
4.90
5.10
A1
0.10
-
0.225
E
5.80
6.00
6.20
A2
1.30
1.40
1.50
E1
3.70
3.90
4.10
A3
0.60
0.65
0.70
e
1.27BSC
b
0.39
-
0.48
h
0.25
-
0.50
b1
0.38
0.41
0.43
L
0.50
-
0.80
c
0.21
-
0.26
L1
1.05BSC
c1
0.19
0.20
0.21
θ
0
-
8°
Top mark
Package
iDR.
ID2006
YWWXXXXX
SOP8
Note:Y:Year Code;WW:Week Code;XXXXX:Internal Code
Notes:
1. This drawing is subjected to change without notice.
2. Body dimensions do not include mold flash or protrusion.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com