Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCND5000 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TCND5000
Description  Reflective Optical Sensor with PIN Photodiode Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCND5000 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TCND5000 Datasheet HTML 2Page - Vishay Siliconix TCND5000 Datasheet HTML 3Page - Vishay Siliconix TCND5000 Datasheet HTML 4Page - Vishay Siliconix TCND5000 Datasheet HTML 5Page - Vishay Siliconix TCND5000 Datasheet HTML 6Page - Vishay Siliconix TCND5000 Datasheet HTML 7Page - Vishay Siliconix TCND5000 Datasheet HTML 8Page - Vishay Siliconix TCND5000 Datasheet HTML 9Page - Vishay Siliconix TCND5000 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number 83795
Rev. 1.2, 04-Sep-06
TCND5000
Vishay Semiconductors
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, other-
wise slight voltage shift will cause big current change
(Burn out will happen).
2. Storage
2.1 Storage temperature and rel. humidity conditions
are: 5 °C to 30 °C, R.H. 60 %
2.2 Floor life must not exceed 72 h, acc. to JEDEC
level 4, J-STD-020.
Once the package is opened, the products should be
used within 72 h. Otherwise, they should be kept in a
damp proof box with desiccant.
Considering tape life, we suggest to use products
within one year from production date.
2.3 If opened more than 72 h in an atmosphere 5 °C
to 30 °C, R.H. 60 %, devices should be treated at
60 °C ± 5 °C for 15 hrs.
2.4 If humidity indicator in the package shows pink
color (normal blue), then devices should be treated
with the same conditions as 2.3
Reflow Solder Profiles
Figure 14. Lead (Pb)-Free Reflow Solder Profile
Figure 15. Lead Tin (SnPb) Reflow Solder Profile
300
250
200
150
100
50
0
0
max. 20 s
max. 120 s
max. 100 s
255 °C
240 °C
217 °C
max. 260 °C
245 °C
max. Ramp up 3°C/s
max. Ramp down 6°C/s
Time (s)
19003
300
250
200
150
100
50
max. 160 °C
full line
: typical
dotted
:process limits
Time (s)
Lead Temperature
90s - 120s
300
250
200
150
100
50
0
0
max. 240 °C
ca. 230 °C
10s
215 °C
max 40s
2 K/s - 4 K/s
948625
250
200
150
100
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com