Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCND5000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCND5000
Description  Reflective Optical Sensor with PIN Photodiode Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCND5000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCND5000 Datasheet HTML 1Page - Vishay Siliconix TCND5000 Datasheet HTML 2Page - Vishay Siliconix TCND5000 Datasheet HTML 3Page - Vishay Siliconix TCND5000 Datasheet HTML 4Page - Vishay Siliconix TCND5000 Datasheet HTML 5Page - Vishay Siliconix TCND5000 Datasheet HTML 6Page - Vishay Siliconix TCND5000 Datasheet HTML 7Page - Vishay Siliconix TCND5000 Datasheet HTML 8Page - Vishay Siliconix TCND5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83795
Rev. 1.2, 04-Sep-06
TCND5000
Vishay Semiconductors
Sensor
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Input (Emitter)
see figures 2 to 8 accordingly
Parameter
Test condition
Symbol
Value
Unit
Operating Temperature Range
Tamb
- 40 to + 85
°C
Storage Temperature Range
Tstg
- 40 to + 100
°C
Soldering Temperature
acc. fig. 14
Tsd
260
°C
Figure 1. Forward Current Limit vs. Ambient Temperature
0
20
40
60
80
100
120
16188
0
T
amb - Ambient Temperature (°C)
90
80
70
60
50
40
30
20
10
100
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 20 mA, tp = 20 ms
VF
1.2
1.5
V
Temp. Coefficient of VF
IF = 1 mA
TKVF
- 1.3
mV/K
Reverse Current
VR = 5 V
IR
10
µA
Junction Capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
25
pF
Radiant Intensity
IF = 20 mA, tp = 20 ms
Ie
775
mW/sr
Angle of Half Intensity
ϕ
± 12
deg
Peak Wavelength
IF = 100 mA
λ
p
930
940
nm
Spectral Bandwidth
IF = 100 mA
Δλ
50
nm
Temp. Coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.2
nm/K
Rise Time
IF = 100 mA
tr
800
ns
Fall Time
IF = 100 mA
tf
800
ns
Virtual Source Diameter
Method: 63 % encircled energy
Ø
1.2
mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com