Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCND5000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCND5000
Description  Reflective Optical Sensor with PIN Photodiode Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCND5000 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCND5000 Datasheet HTML 1Page - Vishay Siliconix TCND5000 Datasheet HTML 2Page - Vishay Siliconix TCND5000 Datasheet HTML 3Page - Vishay Siliconix TCND5000 Datasheet HTML 4Page - Vishay Siliconix TCND5000 Datasheet HTML 5Page - Vishay Siliconix TCND5000 Datasheet HTML 6Page - Vishay Siliconix TCND5000 Datasheet HTML 7Page - Vishay Siliconix TCND5000 Datasheet HTML 8Page - Vishay Siliconix TCND5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TCND5000
Document Number 83795
Rev. 1.2, 04-Sep-06
Vishay Semiconductors
www.vishay.com
3
Output (Detector)
see figures 9 to 12 accordingly
Sensor
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 50 mA
VF
1.0
1.3
V
Breakdown Voltage
IR = 100 µA
VBR
60
V
Reverse Dark Current
VR = 10 V, E = 0
Iro
110
nA
Diode capacitance
VR = 5 V, f = 1 MHz, E = 0
CD
1.8
pF
Reverse Light Current
Ee = 1 mW/cm
2
λ = 950 nm, V
R = 5 V
Ira
12
µA
Temp. Coefficient of Ira
VR = 5 V, λ = 870 nm
TKira
0.2
%/K
Angle of Half Intensity
ϕ
± 15
deg
Wavelength of Peak Sensitivity
λ
p
930
nm
Range of Spectral Bandwidth
λ
0.5
840 to 1050
nm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse Light Current
VR = 2.5 V, IF = 20 mA
D = 30 mm
reflective mode:
see figure 2
Ira
110
nA
Figure 2. Test Circuit
Kodak grey card
20 % Reflectivity
30 mm
18223



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com