Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCND5000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCND5000
Description  Reflective Optical Sensor with PIN Photodiode Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCND5000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCND5000 Datasheet HTML 1Page - Vishay Siliconix TCND5000 Datasheet HTML 2Page - Vishay Siliconix TCND5000 Datasheet HTML 3Page - Vishay Siliconix TCND5000 Datasheet HTML 4Page - Vishay Siliconix TCND5000 Datasheet HTML 5Page - Vishay Siliconix TCND5000 Datasheet HTML 6Page - Vishay Siliconix TCND5000 Datasheet HTML 7Page - Vishay Siliconix TCND5000 Datasheet HTML 8Page - Vishay Siliconix TCND5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83795
Rev. 1.2, 04-Sep-06
TCND5000
Vishay Semiconductors
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Radiant Intensity vs. Forward Current
Figure 5. Relative Radiant Power vs. Wavelength
V
F - Forward Voltage (V)
13600
101
100
102
103
104
t
P = 100 µs
t
P/T = 0.001
0
4
3
2
1
16189
103
101
102
104
100
0.1
1
10
1000
100
I
F - Forward Current (mA)
890
0
0.25
0.5
0.75
1.0
1.25
- Wavelength (nm)
14291
I
F = 100 mA
λ
990
940
Figure 6. Relative Radiant Intensity vs. Angular Displacement
Figure 7. Reverse Dark Current vs. Ambient Temperature
Figure 8. Relative Reverse Light Current vs. Ambient Temperature
18234
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.6
0.4
0.2
0
0.2
0.4
20
1
10
100
1000
T
amb - Ambient Temperature (°C)
94 8427
V
R = 10 V
100
80
60
40
0.6
0.8
1.0
1.2
1.4
T
amb - Ambient Temperature (°C)
94 8416
V
R = 5 V
λ = 950 nm
0
100
80
60
40
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com