Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCND5000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCND5000
Description  Reflective Optical Sensor with PIN Photodiode Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCND5000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCND5000 Datasheet HTML 1Page - Vishay Siliconix TCND5000 Datasheet HTML 2Page - Vishay Siliconix TCND5000 Datasheet HTML 3Page - Vishay Siliconix TCND5000 Datasheet HTML 4Page - Vishay Siliconix TCND5000 Datasheet HTML 5Page - Vishay Siliconix TCND5000 Datasheet HTML 6Page - Vishay Siliconix TCND5000 Datasheet HTML 7Page - Vishay Siliconix TCND5000 Datasheet HTML 8Page - Vishay Siliconix TCND5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TCND5000
Document Number 83795
Rev. 1.2, 04-Sep-06
Vishay Semiconductors
www.vishay.com
1
Detector
Emitter
C
A
C
A
19967
Marking area
Top view
e3
Reflective Optical Sensor with PIN Photodiode Output
Description
The TCND5000 is a reflective sensor that includes an
infrared emitter and PIN photodiode in a surface
mount package which blocks visible light.
Features
• Package type: Surface mount
• Detector type: PIN Photodiode
• Dimensions:
L 6 mm x W 4.3 mm x H 3.75 mm
• Peak operating distance: 6 mm
• Peak operating range: 2 mm to 25 mm
• Typical output current under test: Ira > 0.11 µA
• Daylight blocking filter
• High linearity
• Emitter wavelength 940 nm
• Lead (Pb)-free soldering released
• Lead (Pb)-free component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
• Minimum order quantity 2000 pcs, 2000 pcs/reel
Applications
• Proximity sensor
• Object sensor
• Motion sensor
• Touch key
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Input (Emitter)
Output (Detector)
Parameter
Test condition
Symbol
Value
Unit
Reverse Voltage
VR
5V
Forward current
IF
100
mA
Peak Forward Current
tp = 50 µs, T = 2 ms,
Tamb = 25 °C
IFM
500
mA
Power Dissipation
PV
190
mW
Junction Temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
Reverse Voltage
VR
60
V
Power Dissipation
PV
75
mW
Junction Temperature
Tj
100
°C


Similar Part No. - TCND5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCND5000 VISHAY-TCND5000 Datasheet
298Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
14-Oct-10
TCND5000 VISHAY-TCND5000 Datasheet
328Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
12-Jun-14
TCND5000 VISHAY-TCND5000_10 Datasheet
298Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
14-Oct-10
TCND5000 VISHAY-TCND5000_V01 Datasheet
328Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
12-Jun-14
More results

Similar Description - TCND5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCND5000 VISHAY-TCND5000_10 Datasheet
298Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
14-Oct-10
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
Reflective Optical Sensor with Transistor Output
17-Aug-12
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
TCND5000 VISHAY-TCND5000_V01 Datasheet
328Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
12-Jun-14
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com