Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT Datasheet(PDF) 13 Page - STMicroelectronics

Part # M28R400CT
Description  4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M28R400CT Datasheet HTML 9Page - STMicroelectronics M28R400CT Datasheet HTML 10Page - STMicroelectronics M28R400CT Datasheet HTML 11Page - STMicroelectronics M28R400CT Datasheet HTML 12Page - STMicroelectronics M28R400CT Datasheet HTML 13Page - STMicroelectronics M28R400CT Datasheet HTML 14Page - STMicroelectronics M28R400CT Datasheet HTML 15Page - STMicroelectronics M28R400CT Datasheet HTML 16Page - STMicroelectronics M28R400CT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13/50
M28R400CT, M28R400CB
Table 3. Commands
Note: 1. X = Don’t Care.
2. The signature addresses are listed in Tables 4, 5 and 6.
3. Addr 1 and Addr 2 must be consecutive Addresses differing only for A0.
Commands
No. of
Cycles
Bus Write Operations
1st Cycle
2nd Cycle
3nd Cycle
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Read Memory Array
1+
Write
X
FFh
Read
Read
Addr
Data
Read Status Register
1+
Write
X
70h
Read
X
Status
Register
Read Electronic Signature
1+
Write
X
90h
Read
Signature
Addr (2)
Signature
Read CFI Query
1+
Write
55h
98h
Read
CFI Addr
Query
Block Erase
2
Write
X
20h
Write
Block
Addr
D0h
Chip Erase
2
Write
X
80h
Write
X
D0h
Program
2
Write
X
40h or
10h
Write
Addr
Data
Input
Double Word Program(3)
3
Write
X
30h
Write
Addr 1
Data
Input
Write
Addr 2
Data
Input
Clear Status Register
1
Write
X
50h
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Block Lock
2
Write
X
60h
Write
Block
Address
01h
Block Unlock
2
Write
X
60h
Write
Block
Address
D0h
Block Lock-Down
2
Write
X
60h
Write
Block
Address
2Fh
Protection Register
Program
2
Write
X
C0h
Write
Address
Data
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com