Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT Datasheet(PDF) 23 Page - STMicroelectronics

Part # M28R400CT
Description  4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M28R400CT Datasheet HTML 19Page - STMicroelectronics M28R400CT Datasheet HTML 20Page - STMicroelectronics M28R400CT Datasheet HTML 21Page - STMicroelectronics M28R400CT Datasheet HTML 22Page - STMicroelectronics M28R400CT Datasheet HTML 23Page - STMicroelectronics M28R400CT Datasheet HTML 24Page - STMicroelectronics M28R400CT Datasheet HTML 25Page - STMicroelectronics M28R400CT Datasheet HTML 26Page - STMicroelectronics M28R400CT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23/50
M28R400CT, M28R400CB
Figure 8. Read AC Waveforms
Table 15. Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
Symbol
Alt
Parameter
M28R400C
Unit
90
120
tAVAV
tRC
Address Valid to Next Address Valid
Min
90
120
ns
tAVQV
tACC
Address Valid to Output Valid
Max
90
120
ns
tAXQX
(1)
tOH
Address Transition to Output Transition
Min
0
0
ns
tEHQX
(1)
tOH
Chip Enable High to Output Transition
Min
0
0
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
Max
25
30
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
Max
90
120
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
Min
0
0
ns
tGHQX
(1)
tOH
Output Enable High to Output Transition
Min
0
0
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
Max
25
30
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
Max
30
35
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output Transition
Min
0
0
ns
DQ0-DQ15
AI04144b
VALID
A0-A17
E
tAXQX
tAVAV
VALID
tAVQV
tELQV
tELQX
tGLQV
tGLQX
ADDR. VALID
CHIP ENABLE
OUTPUTS
ENABLED
DATA VALID
STANDBY
G
tGHQX
tGHQZ
tEHQX
tEHQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com