Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT Datasheet(PDF) 47 Page - STMicroelectronics

Part # M28R400CT
Description  4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M28R400CT Datasheet HTML 42Page - STMicroelectronics M28R400CT Datasheet HTML 43Page - STMicroelectronics M28R400CT Datasheet HTML 44Page - STMicroelectronics M28R400CT Datasheet HTML 45Page - STMicroelectronics M28R400CT Datasheet HTML 46Page - STMicroelectronics M28R400CT Datasheet HTML 47Page - STMicroelectronics M28R400CT Datasheet HTML 48Page - STMicroelectronics M28R400CT Datasheet HTML 49Page - STMicroelectronics M28R400CT Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
47/50
M28R400CT, M28R400CB
Table 31. Write State Machine Current/Next, sheet 2 of 2.
Current State
Command Input (and Next State)
Read
Elect.Sg.
(90h)
Read CFI
Query
(98h)
Lock Setup
(60h)
Prot. Prog.
Setup (C0h)
Lock
Confirm
(01h)
Lock Down
Confirm
(2Fh)
Unlock
Confirm
(D0h)
Chip Erase
Set Up
(80h)
Read Array
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Read Status
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Read Elect.Sg.
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Read CFI Query
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Lock Setup
Lock Command Error
Lock (complete)
Lock
Command
Error
Lock Cmd Error
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Lock (complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Prot. Prog.
Setup
Protection Register Program
Prot. Prog.
(continue)
Protection Register Program (continue)
Prot. Prog.
(complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Prog. Setup
Program
Program
(continue)
Program (continue)
Prog. Suspend
Read Status
Prog.
Suspend
Read
Elect.Sg.
Prog.
Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Program
Suspend
Read Array
Prog. Suspend
Read Array
Prog.
Suspend
Read
Elect.Sg.
Prog.
Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Program
Suspend
Read Array
Prog. Suspend
Read Elect.Sg.
Prog.
Suspend
Read
Elect.Sg.
Prog.
Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Program
Suspend
Read Array
Prog. Suspend
Read CFI
Prog.
Suspend
Read
Elect.Sg.
Prog.
Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Program
Suspend
Read Array
Program
(complete)
Read
Elect.Sg.
Read
CFIQuery
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Block Erase
Setup
Block Erase Command Error
Erase
(continue)
Block Erase
Command
Error
Block Erase
Cmd.Error
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Block Erase
(continue)
Block Erase (continue)
Block Erase
Suspend
Read Status
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com