Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT Datasheet(PDF) 48 Page - STMicroelectronics

Part # M28R400CT
Description  4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28R400CT Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M28R400CT Datasheet HTML 42Page - STMicroelectronics M28R400CT Datasheet HTML 43Page - STMicroelectronics M28R400CT Datasheet HTML 44Page - STMicroelectronics M28R400CT Datasheet HTML 45Page - STMicroelectronics M28R400CT Datasheet HTML 46Page - STMicroelectronics M28R400CT Datasheet HTML 47Page - STMicroelectronics M28R400CT Datasheet HTML 48Page - STMicroelectronics M28R400CT Datasheet HTML 49Page - STMicroelectronics M28R400CT Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
M28R400CT, M28R400CB
48/50
Note: Cmd = Command, Elect.Sg. = Electronic Signature, Prog. = Program, Prot = Protection.
Block Erase
Suspend Read
Array
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend
Read Array
Block Erase
Suspend Read
Elect.Sg.
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend
Read Array
Block Erase
Suspend Read
CFI Query
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend
Read Array
Block Erase
(complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Chip Erase
Setup
Chip Erase Command Error
Erase
(continue)
Chip Erase
Command
Error
Chip Erase
Cmd.Error
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Chip Erase
(continue)
Chip Erase (continue)
Chip Erase
(complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Chip Erase
Set Up
Current State
Command Input (and Next State)
Read
Elect.Sg.
(90h)
Read CFI
Query
(98h)
Lock Setup
(60h)
Prot. Prog.
Setup (C0h)
Lock
Confirm
(01h)
Lock Down
Confirm
(2Fh)
Unlock
Confirm
(D0h)
Chip Erase
Set Up
(80h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com