Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4053_90 Datasheet HTML 2Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 3Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 4Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 5Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 6Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 7Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 8Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 9Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
December 1990
6
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
Fig.6
Guaranteed operating area as a function of
the supply voltages for 74HC4053.
Fig.7
Guaranteed operating area as a function
of the supply voltages for 74HCT4053.
DC CHARACTERISTICS FOR 74HC/HCT
For 74HC: VCC − GND or VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
For 74HCT: VCC − GND = 4.5 and 5.5 V; VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
Notes to the characteristics
1. At supply voltages (VCC − VEE) approaching 2.0 V the analog switch ON-resistance becomes extremely non-linear.
Therefore it is recommended that these devices be used to transmit digital signals only, when using these supply
voltages.
2. For test circuit measuring RON see Fig.8.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC/HCT
VCC
(V)
VEE
(V)
IS
(
µA)
Vis
VI
+ 25
−40 to +85 −40 to +125
min.
typ. max. min. max.
min.
max.
RON
ON resistance
(peak)
−
100
90
70
−
180
160
130
−
225
200
165
−
270
240
195
Ω
Ω
Ω
Ω
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC
to
VEE
VIH
or
VIL
RON
ON resistance
(rail)
150
80
70
60
−
140
120
105
−
175
150
130
−
210
180
160
Ω
Ω
Ω
Ω
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VEE
VIH
or
VIL
RON
ON resistance
(rail)
150
90
80
65
−
160
140
120
−
200
175
150
−
240
210
180
Ω
Ω
Ω
Ω
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC
VIH
or
VIL
∆R
ON
maximum
∆ON
resistance
between any two
channels
−
9
8
6
Ω
Ω
Ω
Ω
2.0
4.5
6.0
4.5
0
0
0
−4.5
VCC
to
VEE
VIH
or
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com