Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC4053_90 Datasheet HTML 3Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 4Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 5Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 6Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 7Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 8Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 9Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 10Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
December 1990
7
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
DC CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
V
VEE
V
VI
OTHER
+25
−40 to +85 −40 to +125
min. typ. max. min.
max.
min.
max.
VIH
HIGH level input
voltage
1.5
3.15
4.2
6.3
1.2
2.4
3.2
4.7
1.5
3.15
4.2
6.3
1.5
3.15
4.2
6.3
V
2.0
4.5
6.0
9.0
VIL
LOW level input
voltage
0.8
2.1
2.8
4.3
0.5
1.35
1.8
2.7
0.5
1.35
1.8
2.7
0.5
1.35
1.8
2.7
V
2.0
4.5
6.0
9.0
±II
input leakage
current
0.1
0.2
1.0
2.0
1.0
2.0
µA
6.0
10.0
0
0
VCC
or
GND
±I
S
analog switch
OFF-state
current per
channel
0.1
1.0
1.0
µA
10.0
0
VIH
or
VIL
VS =
VCC − VEE
(see Fig.10)
±I
S
analog switch
OFF-state current
all channels
0.1
1.0
1.0
µA
10.0
0
VIH
or
VIL
VS =
VCC − VEE
(see Fig.10)
±IS
analog switch
ON-state
current
0.1
1.0
1.0
µA
10.0
0
VIH
or
VIL
VS =
VCC − VEE
(see Fig.11)
ICC
quiescent supply
current
8.0
16.0
80.0
160.0
160.0
320.0
µA
6.0
10.0
0
0
VCC
or
GND
Vis =VEE
or VCC;
VOS =VCC
or VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com