Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4053_90 Datasheet HTML 6Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 7Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 8Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 9Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 10Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 11Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 12Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 13Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
December 1990
10
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
OTHER
+25
−40 to +85 −40 to +125
min
.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos
5
4
12
8
15
10
18
12
ns
4.5
4.5
0
−4.5
RL = ∞;
CL = 50 pF
(see Fig.18)
tPZH/ tPZL
turn “ON” time
E to Vos
27
16
48
34
60
43
72
51
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPZH/ tPZL
turn “ON” time
Sn to Vos
25
16
48
34
60
43
72
51
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPHZ/ tPLZ
turn “OFF” time
E to Vos
24
15
44
31
55
39
66
47
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPHZ/ tPLZ
turn “OFF” time
Sn to Vos
22
15
44
31
55
39
66
47
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com