Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC4053_90 Datasheet HTML 8Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 9Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 10Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 11Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 12Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 13Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 14Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 15Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
December 1990
12
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
ADDITIONAL AC CHARACTERISTICS FOR 74HC/HCT
Recommended conditions and typical values
GND = 0 V; Tamb =25 °C
Notes to the AC characteristics
1. Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 Ω).
2. Adjust input voltage Vis to 0 dBm level at VOS for 1 MHz (0 dBm = 1 mW into 50 Ω).
General note
Vis is the input voltage at an nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at an nYn or nZ terminal, whichever is assigned as an output
SYMBOL
PARAMETER
typ.
UNIT
VCC
(V)
VEE
(V)
Vis(p-p)
(V)
CONDITIONS
sine-wave distortion
f = 1 kHz
0.04
0.02
%
%
2.25
4.5
−2.25
−4.5
4.0
8.0
RL = 10 kΩ; CL = 50 pF
(see Fig.14)
sine-wave distortion
f = 10 kHz
0.12
0.06
%
%
2.25
4.5
−2.25
−4.5
4.0
8.0
RL = 10 kΩ; CL = 50 pF
(see Fig.14)
switch “OFF” signal
feed-through
−50
−50
dB
dB
2.25
4.5
−2.25
−4.5
note 1
RL = 600 Ω; CL = 50 pF
f = 1 MHz see (Fig.12 and 15)
crosstalk between
any two switches/
multiplexers
−60
−60
dB
dB
2.25
4.5
−2.25
−4.5
note 1
RL = 600 Ω; CL = 50 pF;
f = 1 MHz (see Fig.16)
V(p−p)
crosstalk voltage between
control and any switch
(peak-to-peak value)
110
220
mV
mV
4.5
4.5
0
−4.5
RL = 600 kΩ; CL = 50 pF;
f = 1 MHz (E or Sn,
square-wave between VCC
and GND, tr =tf = 6 ns
(see Fig.17)
fmax
minimum frequency response
(
−3dB)
160
170
MHz
MHz
2.25
4.5
−2.25
−4.5
note 2
RL =50 Ω ; CL = 10 pF
(see Fig.13 and 14)
CS
maximum switch capacitance
independent (Y)
common
(Z)
5
8
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com