Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74HC4053_90 Datasheet HTML 9Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 10Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 11Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 12Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 13Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 14Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 15Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 16Page - NXP Semiconductors 74HC4053_90 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
December 1990
16
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
TEST CIRCUIT AND WAVEFORMS
Fig.20 Test circuit for measuring AC performance.
Conditions
TEST
SWITCH
VIS
tPZH
tPZL
tPHZ
tPLZ
others
VEE
VCC
VEE
VCC
open
VCC
VEE
VCC
VEE
pulse
FAMILY
AMPLITUDE
VM
tr; tf
fmax;
PULSE WIDTH
OTHER
74HC
VCC
50%
<2 ns
6 ns
74HCT
3.0 V
1.3 V
<2 ns
6 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values).
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tr =tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.
Fig.21 Input pulse definitions.
Conditions
TEST
SWITCH
VIS
tPZH
tPZL
tPHZ
tPLZ
others
VEE
VCC
VEE
VCC
open
VCC
VEE
VCC
VEE
pulse
FAMILY
AMPLITUDE
VM
tr; tf
fmax;
PULSE WIDTH
OTHER
74HC
VCC
50%
<2 ns
6 ns
74HCT
3.0 V
1.3 V
<2 ns
6 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values).
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tr =tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com