Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-WN-RT/IRT Datasheet(PDF) 2 Page - SICK AG

Part # BEF-WN-RT/IRT
Description  ZoneControl
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-WN-RT/IRT Datasheet(HTML) 2 Page - SICK AG

  BEF-WN-RT/IRT Datasheet HTML 1Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 2Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 3Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 4Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 5Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 6Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RTQ-B1221 | ZoneControl
MULTITASK PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
RTQ-B1221
1063177
Other models and accessories
www.sick.com/ZoneControl
Detailed technical data
Features
Functional principle
Photoelectric proximity sensor
Functional principle detail
Background suppression
Dimensions (W x H x D)
20.6 mm x 99.2 mm x 48.9 mm
Sensing range max.
60 mm ... 900 mm
Sensing range
60 mm ... 900 mm
Focus
7°
Type of light
Infrared light
Light source
LED 1)
Light spot size (distance)
Ø 20 mm (500 mm)
Angle of dispersion
7°
Adjustment
Potentiometer, 9 turns
Special applications
ZoneControl
1) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage UB
10 V DC ... 30 V DC 1)
Ripple
< 5 Vpp 2)
Current consumption
20 mA 3)
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load and valve deenergized.
4) Selectable via light/dark rotary switch.
5) A = VS connections reverse-polarity protected.
6) C = interference suppression.
7) D = outputs overcurrent and short-circuit protected.
2
PHOTOELECTRIC SENSORS | SICK
Product data sheet | 2024-04-03 12:15:58
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com