Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-WN-RT/IRT Datasheet(PDF) 5 Page - SICK AG

Part # BEF-WN-RT/IRT
Description  ZoneControl
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-WN-RT/IRT Datasheet(HTML) 5 Page - SICK AG

  BEF-WN-RT/IRT Datasheet HTML 1Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 2Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 3Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 4Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 5Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 6Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RTQ-B1221 | ZoneControl
MULTITASK PHOTOELECTRIC SENSORS
Light spot size
Ø 5
(0.20)
Ø 20
(0.79)
700
(27.56)
900
(35.43)
300
(11.81)
500
(19.69)
0
Ø 26
(1.02)
Ø 14
(0.55)
Ø 32
(1.26)
Distance in mm (inch)
Diameter in mm (inch)
Dimensional drawing (Dimensions in mm (inch))
R / IR without valve
7°
Sender
8.5 (0.33)
3
5
4
1 2
6
4°
40.0 (1.57)
48.0 (1.89)
4.0
(0.16)
Ø 4.5
(0.18)
48.9 (1.93)
40.9 (1.61)
20.6 (0.81)
18.0
(0.71)
①  LED
②  Potentiometer
③  Fixing hole
④  Center of optical axis, sender
⑤  Center of optical axis, receiver
⑥  Male connector M12, 4-pin
Recommended accessories
Other models and accessories
www.sick.com/ZoneControl
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket, steel, zinc coated, mounting hardware included
BEF-WK-WTR
2051786
2024-04-03 12:15:58 | Product data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com