Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-WN-RT/IRT Datasheet(PDF) 3 Page - SICK AG

Part # BEF-WN-RT/IRT
Description  ZoneControl
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-WN-RT/IRT Datasheet(HTML) 3 Page - SICK AG

  BEF-WN-RT/IRT Datasheet HTML 1Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 2Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 3Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 4Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 5Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 6Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RTQ-B1221 | ZoneControl
MULTITASK PHOTOELECTRIC SENSORS
Switching output
PNP, NPN 4)
Switching mode
Light/dark switching 4)
Signal voltage PNP HIGH/LOW
Approx. VS – 0.5 V / 0 V
Signal voltage NPN HIGH/LOW
Approx. VS / < 2.0 V
Output current Imax.
≤ 100 mA
Response time
2 ms
Switching frequency
250 Hz
Connection type
Male connector M12, 4-pin
Circuit protection
A 5)
C 6)
D 7)
Protection class
III
Weight
175 g
Housing material
Plastic, ABS
Enclosure rating
IP67
Shock and vibration resistance
According to IEC 68
Ambient operating temperature
–40 °C ... +60 °C
Ambient temperature, storage
–40 °C ... +75 °C
UL File No.
NRKH.E189383 & NRKH7.E189383
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load and valve deenergized.
4) Selectable via light/dark rotary switch.
5) A = VS connections reverse-polarity protected.
6) C = interference suppression.
7) D = outputs overcurrent and short-circuit protected.
Safety-related parameters
MTTFD
1,009 years
DCavg
0 %
Classifications
ECLASS 5.0
27270904
ECLASS 5.1.4
27270904
ECLASS 6.0
27270904
ECLASS 6.2
27270904
ECLASS 7.0
27270904
ECLASS 8.0
27270904
ECLASS 8.1
27270904
ECLASS 9.0
27270904
ECLASS 10.0
27270904
ECLASS 11.0
27270904
ECLASS 12.0
27270903
ETIM 5.0
EC002719
2024-04-03 12:15:58 | Product data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com