Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-WN-RT/IRT Datasheet (PDF) - SICK AG

BEF-WN-RT/IRT Datasheet PDF - SICK AG
Part # BEF-WN-RT/IRT
Download  BEF-WN-RT/IRT Download
File Size   417.0 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description ZoneControl

BEF-WN-RT/IRT Datasheet (PDF)

Go To PDF Page Download Datasheet
BEF-WN-RT/IRT Datasheet PDF - SICK AG

Part # BEF-WN-RT/IRT
Download  BEF-WN-RT/IRT Click to download

File Size   417.0 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description ZoneControl

BEF-WN-RT/IRT Datasheet (HTML) - SICK AG


BEF-WN-RT/IRT Product details

Features
Functional principle Photoelectric proximity sensor
Functional principle detail Background suppression
Dimensions (W x H x D) 20.6 mm x 99.2 mm x 48.9 mm
Sensing range max. 60 mm ... 900 mm
Sensing range 60 mm ... 900 mm
Focus 7°
Type of light Infrared light
Light source LED 1)
Light spot size (distance) Ø 20 mm (500 mm)
Angle of dispersion 7°
Adjustment Potentiometer, 9 turns
Special applications ZoneControl




Similar Part No. - BEF-WN-RT/IRT

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
379Kb / 8P
W100 Laser MINIATURE PHOTOELECTRIC SENSORS
2023-04-25 18:33:36
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
852Kb / 9P
W4 MINIATURE PHOTOELECTRIC SENSORS
2024-03-28 20:00:12
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
604Kb / 9P
HYBRID PHOTOELECTRIC SENSORS
2024-03-12 16:10:49
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
543Kb / 7P
RAY10 Reflex Array
2024-03-05 16:55:50
BEF-WN-REFX SICK-BEF-WN-REFX Datasheet
853Kb / 9P
MINIATURE PHOTOELECTRIC SENSORS
2024-03-28 20:00:12
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com