Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-WN-RT/IRT Datasheet(PDF) 6 Page - SICK AG

Part # BEF-WN-RT/IRT
Description  ZoneControl
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-WN-RT/IRT Datasheet(HTML) 6 Page - SICK AG

  BEF-WN-RT/IRT Datasheet HTML 1Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 2Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 3Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 4Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 5Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 6Page - SICK AG BEF-WN-RT/IRT Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RTQ-B1221 | ZoneControl
MULTITASK PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
BEF-WN-RT/IRT
2074621
Plug connectors and cables
• Connection type head A: Female connector, M12, 4-pin, straight, A-coded
• Connection type head B: Flying leads
• Signal type: Sensor/actuator cable
• Cable: 5 m, 4-wire, PVC
• Description: Sensor/actuator cable, unshielded
• Application: Zones with chemicals
YF2A14-
050VB3XLEAX
2096235
• Connection type head A: Male connector, M12, 4-pin, straight
• Description: Unshielded
• Connection systems: Screw-type terminals
• Permitted cross-section: ≤ 0.75 mm²
STE-1204-G
6009932
6
PHOTOELECTRIC SENSORS | SICK
Product data sheet | 2024-04-03 12:15:58
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com