Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECT70N1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M28W640ECT70N1
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT70N1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M28W640ECT70N1 Datasheet HTML 20Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 21Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 22Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 23Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 24Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 25Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 26Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 27Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
M28W640ECT, M28W640ECB
24/55
Figure 9. Read AC Waveforms
Table 16. Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
3. To be characterized.
Symbol
Alt
Parameter
M28W640EC
Unit
70
85
90
10
tAVAV
tRC
Address Valid to Next Address Valid
Min
70(3)
85
90
100
ns
tAVQV
tACC
Address Valid to Output Valid
Max
70(3)
85
90
100
ns
tAXQX
(1)
tOH
Address Transition to Output Transition
Min
0
0
0
0
ns
tEHQX
(1)
tOH
Chip Enable High to Output Transition
Min
0
0
0
0
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
Max
20
20
25
25
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
Max
70(3)
85
90
100
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
Min
0
0
0
0
ns
tGHQX
(1)
tOH
Output Enable High to Output Transition
Min
0
0
0
0
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
Max
20
20
25
25
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
Max
20
20
30
30
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output Transition
Min
0
0
0
0
ns
DQ0-DQ15
AI04387
VALID
A0-A21
E
tAXQX
tAVAV
VALID
tAVQV
tELQV
tELQX
tGLQV
tGLQX
ADDR. VALID
CHIP ENABLE
OUTPUTS
ENABLED
DATA VALID
STANDBY
G
tGHQX
tGHQZ
tEHQX
tEHQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com