Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECT70N1 Datasheet(PDF) 43 Page - STMicroelectronics

Part # M28W640ECT70N1
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT70N1 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M28W640ECT70N1 Datasheet HTML 39Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 40Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 41Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 42Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 43Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 44Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 45Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 46Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
43/55
M28W640ECT, M28W640ECB
Table 31. Security Code Area
Offset
Data
Description
80h
00XX
Protection Register Lock
81h
XXXX
64 bits: unique device number
82h
XXXX
83h
XXXX
84h
XXXX
85h
XXXX
128 bits: User Programmable OTP
86h
XXXX
87h
XXXX
88h
XXXX
89h
XXXX
8Ah
XXXX
8Bh
XXXX
8Ch
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com