Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECT70N1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # M28W640ECT70N1
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT70N1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M28W640ECT70N1 Datasheet HTML 47Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 48Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 49Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 50Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 51Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 52Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 53Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 54Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
53/55
M28W640ECT, M28W640ECB
Table 33. Write State Machine Current/Next, sheet 2 of 2.
Note: Cmd = Command, Elect.Sg. = Electronic Signature, Prog. = Program, Prot = Protection.
Current State
Command Input (and Next State)
Read Elect.Sg.
(90h)
Read CFI
Query
(98h)
Lock Setup
(60h)
Prot. Prog.
Setup (C0h)
Lock Confirm
(01h)
Lock Down
Confirm (2Fh)
Unlock
Confirm
(D0h)
Read Array
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read Status
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read Elect.Sg.
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read CFI Query Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Lock Setup
Lock Command Error
Lock (complete)
Lock Cmd Error
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Lock (complete)
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Prot. Prog.
Setup
Protection Register Program
Prot. Prog.
(continue)
Protection Register Program (continue)
Prot. Prog.
(complete)
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Prog. Setup
Program
Program
(continue)
Program (continue)
Prog. Suspend
Read Status
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read Array
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read CFI
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Program
(complete)
Read Elect.Sg.
Read CFIQuery
Lock Setup
Prot. Prog.
Setup
Read Array
Erase Setup
Erase Command Error
Erase
(continue)
Erase
Cmd.Error
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Erase (continue)
Erase (continue)
Erase Suspend
Read Ststus
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase Suspend
Read Array
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase Suspend
Read CFI Query
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
(complete)
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com