Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECT70N1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # M28W640ECT70N1
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT70N1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M28W640ECT70N1 Datasheet HTML 37Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 38Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 39Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 40Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 41Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 42Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 43Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 44Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
41/55
M28W640ECT, M28W640ECB
Table 29. Device Geometry Definition
Offset Word
Mode
Data
Description
Value
27h
0017h
Device Size = 2n in number of bytes
8 MByte
28h
29h
0001h
0000h
Flash Device Interface Code description
x16
Async.
2Ah
2Bh
0003h
0000h
Maximum number of bytes in multi-byte program or page = 2n
8
2Ch
0002h
Number of Erase Block Regions within the device.
It specifies the number of regions within the device containing contiguous
Erase Blocks of the same size.
2
2Dh
2Eh
007Eh
0000h
Region 1 Information
Number of identical-size erase block = 007Eh+1
127
2Fh
30h
0000h
0001h
Region 1 Information
Block size in Region 1 = 0100h * 256 byte
64 KByte
31h
32h
0007h
0000h
Region 2 Information
Number of identical-size erase block = 0007h+1
8
33h
34h
0020h
0000h
Region 2 Information
Block size in Region 2 = 0020h * 256 byte
8 KByte
2Dh
2Eh
0007h
0000h
Region 1 Information
Number of identical-size erase block = 0007h+1
8
2Fh
30h
0020h
0000h
Region 1 Information
Block size in Region 1 = 0020h * 256 byte
8 KByte
31h
32h
007Eh
0000h
Region 2 Information
Number of identical-size erase block = 007Eh=1
127
33h
34h
0000h
0001h
Region 2 Information
Block size in Region 2 = 0100h * 256 byte
64 KByte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com