Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECT70N1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # M28W640ECT70N1
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT70N1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M28W640ECT70N1 Datasheet HTML 47Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 48Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 49Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 50Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 51Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 52Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 53Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 54Page - STMicroelectronics M28W640ECT70N1 Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
M28W640ECT, M28W640ECB
52/55
APPENDIX D. COMMAND INTERFACE AND PROGRAM/ERASE CONTROLLER STATE
Table 32. Write State Machine Current/Next, sheet 1 of 2.
Note: Cmd = Command, Elect.Sg. = Electronic Signature, Ers = Erase, Prog. = Program, Prot = Protection, Sus = Suspend.
Current
State
SR
bit 7
Data
When
Read
Command Input (and Next State)
Read
Array
(FFh)
Program
Setup
(10/40h)
Erase
Setup
(20h)
Erase
Confirm
(D0h)
Prog/Ers
Suspend
(B0h)
Prog/Ers
Resume
(D0h)
Read
Status
(70h)
Clear
Status
(50h)
Read Array
“1”
Array
Read Array Prog.Setup
Ers. Setup
Read Array
Read Sts.
Read Array
Read
Status
“1”
Status
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Read
Elect.Sg.
“1”
Electronic
Signature
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Read CFI
Query
“1”
CFI
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Lock Setup
“1”
Status
Lock Command Error
Lock
(complete)
Lock Cmd
Error
Lock
(complete)
Lock Command Error
Lock Cmd
Error
“1”
Status
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Lock
(complete)
“1”
Status
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Prot. Prog.
Setup
“1”
Status
Protection Register Program
Prot. Prog.
(continue)
“0”
Status
Protection Register Program continue
Prot. Prog.
(complete)
“1”
Status
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Prog. Setup
“1”
Status
Program
Program
(continue)
“0”
Status
Program (continue)
Prog. Sus
Read Sts
Program (continue)
Prog. Sus
Status
“1”
Status
Prog. Sus
Read Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read Array
Program
(continue)
Prog. Sus
Read Sts
Prog. Sus
Read Array
Prog. Sus
Read Array
“1”
Array
Prog. Sus
Read Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read Array
Program
(continue)
Prog. Sus
Read Sts
Prog. Sus
Read Array
Prog. Sus
Read
Elect.Sg.
“1”
Electronic
Signature
Prog. Sus
Read Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read Array
Program
(continue)
Prog. Sus
Read Sts
Prog. Sus
Read Array
Prog. Sus
Read CFI
“1”
CFI
Prog. Sus
Read Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read Array
Program
(continue)
Prog. Sus
Read Sts
Prog. Sus
Read Array
Program
(complete)
“1”
Status
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Erase
Setup
“1”
Status
Erase Command Error
Erase
(continue)
Erase
CmdError
Erase
(continue)
Erase Command Error
Erase
Cmd.Error
“1”
Status
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array
Erase
(continue)
“0”
Status
Erase (continue)
Erase Sus
Read Sts
Erase (continue)
Erase Sus
Read Sts
“1”
Status
Erase Sus
Read Array
Program
Setup
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Sts
Erase Sus
Read Array
Erase Sus
Read Array
“1”
Array
Erase Sus
Read Array
Program
Setup
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Sts
Erase Sus
Read Array
Erase Sus
Read
Elect.Sg.
“1”
Electronic
Signature
Erase Sus
Read Array
Program
Setup
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Sts
Erase Sus
Read Array
Erase Sus
Read CFI
“1”
CFI
Erase Sus
Read Array
Program
Setup
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Array
Erase
(continue)
Erase Sus
Read Sts
Erase Sus
Read Array
Erase
(complete)
“1”
Status
Read Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com