Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7706 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED7706
Description  6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7706 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED7706 Datasheet HTML 5Page - STMicroelectronics LED7706 Datasheet HTML 6Page - STMicroelectronics LED7706 Datasheet HTML 7Page - STMicroelectronics LED7706 Datasheet HTML 8Page - STMicroelectronics LED7706 Datasheet HTML 9Page - STMicroelectronics LED7706 Datasheet HTML 10Page - STMicroelectronics LED7706 Datasheet HTML 11Page - STMicroelectronics LED7706 Datasheet HTML 12Page - STMicroelectronics LED7706 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LED7706
Electrical characteristics
9/31
4
Electrical characteristics
Table 6.
Electrical characteristics
(VIN = 12 V; TA = 0 °C to 85 °C and LDO5 connected to AVCC if not otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply section
VLDO5
LDO output and IC supply
voltage
EN High
ILDO5 = 0 mA
4.4
5
5.5
V
VAVCC
IIN,Q
Operating quiescent current
RRILIM = 51 kΩ, RBILIM = 220 kΩ,
RSLOPE = 680 kΩ
DIM tied to SGND.
1mA
IIN,SHDN
Operating current in shutdown
EN low
20
30
µA
VUVLO,ON
LDO5 Under Voltage Lock Out
upper threshold
3.8
4.0
V
VUVLO,OFF
LDO5 Under Voltage Lock Out
lower threshold
3.3
3.6
LDO linear regulator
Line regulation
6 V
≤ V
IN ≤ 28 V, ILDO5 = 30 mA
25
mV
LDO dropout voltage
VIN = 4.3 V, ILDO5 = 10 mA
80
120
LDO maximum output current
VLDO5 > VUVLO,ON
25
40
60
mA
VLDO5 < VUVLO,OFF
20
30
Boost section
tON,min
Minimum switching on-time
200
ns
fSW
Default switching frequency
FSW connected to AVCC
570
660
750
kHz
Minimum FSW sync frequency
210
mV
FSW sync input threshold
240
300
FSW sync input hysteresis
20
FSW sync min ON time
270
ns
SYNC output Duty-Cycle
FSW connected to AVCC
(Internal oscillator selected)
34
40
%
SYNC output high level
ISYNC = 10 µA
VAVCC
-20V
mV
SYNC output low level
ISYNC = -10 µA
20
Power switch
KB
LX current coefficient
RBILIM = 600 kΩ
5E5
6E5
7E5
V
RDSon
Internal MOSFET on-resistance
280
500
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com