Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7706 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LED7706
Description  6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7706 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LED7706 Datasheet HTML 11Page - STMicroelectronics LED7706 Datasheet HTML 12Page - STMicroelectronics LED7706 Datasheet HTML 13Page - STMicroelectronics LED7706 Datasheet HTML 14Page - STMicroelectronics LED7706 Datasheet HTML 15Page - STMicroelectronics LED7706 Datasheet HTML 16Page - STMicroelectronics LED7706 Datasheet HTML 17Page - STMicroelectronics LED7706 Datasheet HTML 18Page - STMicroelectronics LED7706 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
LED7706
Operation description - boost section
15/31
6.4
Over voltage protection
An adjustable Over-Voltage Protection is available. It can be set feeding the OVSEL pin with
a partition of the output voltage. The voltage of the central tap of the divider is thus
compared to a fixed 1.234 V threshold. When the voltage on the OVSEL pin exceeds the OV
threshold, the FAULT pin is tied low (see Section 8 on page 25) and the device is turned off;
this condition is latched and the LED7706 is restarted
by toggling the EN pin or by
performing a Power-On Reset (the POR occurs when the LDO output falls below the lower
UVLO threshold and subsequently crosses the upper UVLO threshold during the rising
phase of the input voltage). Normally, the value of the high-side resistors of the divider must
be chosen as high as possible (but lower than 1 M
Ω) to reduce the output capacitor
discharge when the boost converter is off (during the off phase of the dimming cycle). The
R2/R1 ratio is calculated to trigger the OVP circuitry as soon as the output voltage is 2 V
higher than the maximum value for a given LED string (see equation 3). Two additional
filtering capacitors, C10 and C13, may be required to improve noise rejection at the OVSEL
pin, as shown in Figure 7. The typical value for C10 is in the 100 pF-330 pF range, while the
C13 value is given by equation 4.
Equation 3
Equation 4
Figure 7.
OVP threshold setting
)
V
234
.
1
V
2
V
(
V
234
.
1
R
R
OVP
,
OUT
1
2
−
+
⋅
=
1
2
10
13
R
R
C
2
C
⋅
=
LX
OVSEL
SGND
LED7706
VOUT
VIN
R1
R2
CF
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com