Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7706 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED7706
Description  6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7706 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED7706 Datasheet HTML 6Page - STMicroelectronics LED7706 Datasheet HTML 7Page - STMicroelectronics LED7706 Datasheet HTML 8Page - STMicroelectronics LED7706 Datasheet HTML 9Page - STMicroelectronics LED7706 Datasheet HTML 10Page - STMicroelectronics LED7706 Datasheet HTML 11Page - STMicroelectronics LED7706 Datasheet HTML 12Page - STMicroelectronics LED7706 Datasheet HTML 13Page - STMicroelectronics LED7706 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
LED7706
10/31
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OC and OV protections
VTH,OVP
Over voltage protection
reference threshold (OVSEL)
1.190
1.234
1.280
V
VTH,FRD
Floating channel detection
threshold
1.100
1.145
1.190
∆V
OVP,FRD
Voltage gap between OVP and
FRD thresholds
90
mV
Soft-start and power management
EN, Turn-On level threshold
1.4
1.6
V
EN, Turn-off level threshold
0.8
1.0
DIM, high level threshold
1.15
1.3
DIM, low level threshold
0.8
1.09
EN, pull-up current
2.5
µA
SS, charge current
4
5
6
SS, end-of-startup threshold
2.0
2.4
2.8
V
SS, reduced switching
frequency release threshold
0.8
Current generators section
TDIM-
ON,min
Minimum dimming on-time
RRILIM = 51 kΩ
KR = 987
Irowx,nom = KR/RRILIM
500
ns
ƒIrowx,1
rows current accuracy (1)
±2.0
%
ƒIrowx,2
rows current mismatch(2)
+4.0
VIFB
Feedback regulation voltage
400
mV
Vrowx,
FAULT
Shorted LED fault detection
threshold
MODE tied to SGND
3.4
V
MODE connected to AVCC
6.0
TMASK
LED short circuit detection
masking time
100
µs
VFAULT,
LOW
FAULT pin Low-Level voltage
IFAULT,SINK = 4 mA
200
350
mV
Thermal shutdown
TSHDN
Thermal shutdown
turn-off temperature
150
°C
Thermal shutdown hysteresis
30
1.
Current accuracy calculated as
∆I
rowx,1 = (Irowx-Irowx,NOM) / Irowx,NOM
2.
Current Mismatch calculated as
∆Irowx,2 = |Irowx-Irowy| / Irowx,NOM
Table 6.
Electrical characteristics (continued)
(VIN = 12 V; TA = 0 °C to 85 °C and LDO5 connected to AVCC if not otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com