Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7706 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LED7706
Description  6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7706 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LED7706 Datasheet HTML 12Page - STMicroelectronics LED7706 Datasheet HTML 13Page - STMicroelectronics LED7706 Datasheet HTML 14Page - STMicroelectronics LED7706 Datasheet HTML 15Page - STMicroelectronics LED7706 Datasheet HTML 16Page - STMicroelectronics LED7706 Datasheet HTML 17Page - STMicroelectronics LED7706 Datasheet HTML 18Page - STMicroelectronics LED7706 Datasheet HTML 19Page - STMicroelectronics LED7706 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Operation description - boost section
LED7706
16/31
6.5
Switching frequency selection and synchronization
The switching frequency of the boost converter can be set in the 250 kHz-1 MHz range by
connecting the FSW pin to ground through a resistor. Calculation of the setting resistor is
made using equation 5 and should not exceed the 100 k
Ω-400 kΩ range.
Equation 5
In addition, when the FSW pin is tied to AVCC, the LED7706 uses a default 660 kHz fixed
switching frequency, allowing to save a resistor in minimum component-count applications.
The FSW pin can also be used as synchronization input, allowing the LED7706 to operate
both as master or slave device. If a clock signal with a 220 kHz minimum frequency is
applied to this pin, the device locks synchronized (270 mV threshold). An Internal time-out
allows synchronization as long as the external clock frequency is greater than 220kHz.
Keeping the FSW pin voltage lower than 270 mV for more than 6
µs results in device turned
off. Normal operation is resumed as soon as FSW rises above the mentioned threshold and
the soft-start sequence is repeated. The SYNC pin is a synchronization output and provides
a 35 % (typ.) duty-cycle clock when the LED7706 is used as master or a replica of the FSW
pin when used as slave. It is used to connect multiple devices in a daisy-chain configuration
or to synchronize other switching converters running in the system with the LED7706
(master operation).
Figure 8.
Multiple device synchronization
When an external synchronization clock is applied to the FSW pin, the internal oscillator is
overdriven: each switching cycle begins at the rising edge of clock, while the slope
compensation ramp starts at the falling edge of the same signal. Thus, the external
synchronization clock is required to have a 40 % maximum duty-cycle when the boost
converter is working in Continuous-Conduction Mode (CCM). The minimum pulse width
which allows the synchronizing pulses to be detected is 270 ns.
5
.
2
F
R
SW
FSW =
SYNC
SGND
LED7706
AVCC
RFSW
FSW
SYNC
SGND
LED7706
SLAVE
FSW
MASTER
Sync Out
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com