Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7706 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED7706
Description  6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7706 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED7706 Datasheet HTML 8Page - STMicroelectronics LED7706 Datasheet HTML 9Page - STMicroelectronics LED7706 Datasheet HTML 10Page - STMicroelectronics LED7706 Datasheet HTML 11Page - STMicroelectronics LED7706 Datasheet HTML 12Page - STMicroelectronics LED7706 Datasheet HTML 13Page - STMicroelectronics LED7706 Datasheet HTML 14Page - STMicroelectronics LED7706 Datasheet HTML 15Page - STMicroelectronics LED7706 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Operation description - boost section
LED7706
12/31
6
Operation description - boost section
6.1
Functional description
The LED7706 is a monolithic LEDs driver for the backlight of LCD panels and it consists of a
boost converter and six PWM-dimmable current generators.
The boost section is based on a constant switching frequency, Peak Current-Mode
architecture. The boost output voltage is controlled such that the lowest row's voltage,
referred to SGND, is equal to an internal reference voltage (400 mV typ.). The input voltage
range is from 4.5 V up to the output voltage. In addition, the LED7706 has an internal LDO
that supplies the internal circuitry of the device and is capable to deliver up to 40 mA. The
input of the LDO is the VIN pin.
The LDO5 pin is the LDO output and the supply for the Power MOSFET driver at the same
time. The AVCC pin is the supply for the analog circuitry and should be connected to the
LDO output through a simple RC filter.
Figure 4.
AVCC filtering
Two loops are involved in regulating the current sunk by the generators.
The main loop is related to the boost regulator and uses a constant frequency Peak Current-
Mode architecture (see Table 7), while an internal current loop regulates the same current at
each row according to the set value (RILIM pin).
A dedicated circuit automatically selects the lowest voltage drop among all the rows and
provides this voltage the main loop that, in turn, regulates the output voltage. In fact, once
the reference generator has been detected, the error amplifier compares its voltage drop to
the internal reference voltage and varies the COMP output. The voltage at the COMP pin
determines the inductor peak current at each switching cycle. The output voltage of the
boost regulator is thus determined by the total forward voltage of the LEDs strings:
Equation 1
where the first term represents the highest total forward voltage drop over N active rows and
the second is the voltage drop across the leading generator (400 mV typ.).
The device continues to monitor the voltage drop across all the rows and automatically
switches to the current generator having the lowest voltage drop.
VIN
LDO5
AVCC
SGND
LED7706
1u
100n
4R7
LDO
mV
400
)
V
(
max
V
j
,
F
m
1
j
N
1
i
OUT
LEDS
ROWS
+
=
Σ
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com