Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 3Page - Maxim Integrated Products MAX797C/D Datasheet HTML 4Page - Maxim Integrated Products MAX797C/D Datasheet HTML 5Page - Maxim Integrated Products MAX797C/D Datasheet HTML 6Page - Maxim Integrated Products MAX797C/D Datasheet HTML 7Page - Maxim Integrated Products MAX797C/D Datasheet HTML 8Page - Maxim Integrated Products MAX797C/D Datasheet HTML 9Page - Maxim Integrated Products MAX797C/D Datasheet HTML 10Page - Maxim Integrated Products MAX797C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
_______________________________________________________________________________________
7
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
200
μ
400
μ
600
μ
800
μ
14m
15m
16m
0
4
8
121620
24
28
32
QUIESCENT SUPPLY CURRENT
vs. SUPPLY VOLTAGE,
5V/3A CIRCUIT IN IDLE MODE
SUPPLY VOLTAGE (V)
STANDARD MAX797 APPLICATION
CONFIGURED FOR 5V
SKIP = LOW
SYNC = REF
0
0.2
0.4
0.6
0.8
1.2
1.0
1.4
1.6
0
4
8
12
16
2024
2832
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
DEVICE CURRENT ONLY
SHDN = LOW
0
200
400
600
800
1200
1000
1400
0
4
8
121620
24
28
32
SUPPLY VOLTAGE (V)
QUIESCENT SUPPLY CURRENT
vs. SUPPLY VOLTAGE,
3.3V/3A CIRCUIT IN IDLE MODE
STANDARD MAX797 3.3V/3A
CIRCUIT, FIGURE 1
SKIP = LOW
SYNC = REF
SWITCHING
NOT SWITCHING
(FB FORCED TO 3.5V)
0
10
20
30
0
4
8
121620
24
28
32
SUPPLY VOLTAGE (V)
QUIESCENT SUPPLY CURRENT
vs. SUPPLY VOLTAGE, LOW-NOISE MODE
f = 150kHz
f = 300kHz
STANDARD MAX797 3.3V/3A
CIRCUIT, FIGURE 1
SKIP = HIGH
0
0.01
1
10
0.1
DROPOUT VOLTAGE
vs. LOAD CURRENT
200
100
300
400
500
600
700
800
LOAD CURRENT (A)
STANDARD MAX797 APPLICATION
CONFIGURED FOR 5V
VOUT > 4.8V
f = 150kHz
f = 300kHz
0
1
100
1000
10
REF LOAD-REGULATION ERROR
vs. LOAD CURRENT
5
10
15
20
REF LOAD CURRENT (
μA)
0
200
100
300
400
500
0
2040
6080
VL LOAD CURRENT (mA)
VL LOAD-REGULATION ERROR
vs. LOAD CURRENT
0
50
100
150
200
250
300
350
400
450
0
4
8
121620
24
28
32
SUPPLY VOLTAGE (V)
MAX796
MAXIMUM SECONDARY CURRENT
vs. SUPPLY VOLTAGE, 5V/15V CIRCUIT
IOUT (MAIN) = 0A
IOUT (MAIN) = 3A
CIRCUIT OF FIGURE 11
TRANSFORMER = TTI5870
VSEC > 12.75V
1000
0.1
100
μ
10m
1
SWITCHING FREQUENCY
vs. LOAD CURRENT
10
LOAD CURRENT (A)
100
1m
100m
SYNC = REF (300kHz)
SKIP = LOW
+5V, VIN = 7.5V
1
+5V, VIN = 30V
+3.3V, VIN = 7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com