Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 24Page - Maxim Integrated Products MAX797C/D Datasheet HTML 25Page - Maxim Integrated Products MAX797C/D Datasheet HTML 26Page - Maxim Integrated Products MAX797C/D Datasheet HTML 27Page - Maxim Integrated Products MAX797C/D Datasheet HTML 28Page - Maxim Integrated Products MAX797C/D Datasheet HTML 29Page - Maxim Integrated Products MAX797C/D Datasheet HTML 30Page - Maxim Integrated Products MAX797C/D Datasheet HTML 31Page - Maxim Integrated Products MAX797C/D Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
30
______________________________________________________________________________________
MAX797
CSL
CSH
FB
VL
SYNC
V+
Q1
Q2
1N4148
1N4148
D1
1N5819
T1
REF
GND
+5V OUTPUT
AT 3A
BST
DH
LX
DL
PGND
SKIP
SS
SHDN
INPUT
0.33
μF
C1
2x 22
μF
4.7
μF
C2
220μF
0.1
μF
0.01
μF
0.1
μF
100k
1%
100k
1%
10
μH
1.91
Ω, 1%
T1 = 1:70 5mm SURFACE-MOUNT TRANSFORMER
DALE LPE-3325-A087
Q1, Q2 = MMSF5N03 OR Si9410DY
Figure 20. Buck Converter with Low-Loss SMT Current-Sense Transformer
____________________________________________Application Circuits (continued)
MAX797
MAX495
CSL
CSH
VL
SYNC
FB
V+
N1
N2
D1
D2
1N5820
REF
GND
1.5V OUTPUT
AT 5A
DH
LX
DL
PGND
BST
SKIP
SS
ON/OFF
SHDN
INPUT
4.75V
TO 5.5V
4.7
μF
0.1
μF
C6
0.01
μF
C2
2 x 220
μF
OS-CON
C3
0.1
μF
C5
0.33
μF
L1
3.3
μH
C7
330pF
R1
12m
Ω
R6
49.9k
R7
124k
R5
150k
TO
VL
R3
66.5k
1%
R4
100k
1%
C1
220
μF
OS-CON
REMOTE SENSE LINE
N1 = N2 = MTD20N03HDL
L1 = COILCRAFT DO3316-332
Figure 21. 1.5V GTL Bus Termination Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com