Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 23Page - Maxim Integrated Products MAX797C/D Datasheet HTML 24Page - Maxim Integrated Products MAX797C/D Datasheet HTML 25Page - Maxim Integrated Products MAX797C/D Datasheet HTML 26Page - Maxim Integrated Products MAX797C/D Datasheet HTML 27Page - Maxim Integrated Products MAX797C/D Datasheet HTML 28Page - Maxim Integrated Products MAX797C/D Datasheet HTML 29Page - Maxim Integrated Products MAX797C/D Datasheet HTML 30Page - Maxim Integrated Products MAX797C/D Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
______________________________________________________________________________________
27
MAX473
V+
INPUT
4.5V
TO 30V
Q1
Si9433DY
OR MMSF4P01
82pF
VL (5V)
20pF
1k
100k, 1%
1.5k
16k, 1%
REF
(2.505V)
MAIN
3.3V
OUTPUT
(CSL)
+3.3V
MAIN OUTPUT
+2.9V OUTPUT
AT 2A
STANDARD 3.3V
CIRCUIT
10
μF10μF
MAX797
SANYO OS-CON
Figure 14. 2.9V Low-Dropout Linear Regulator with Fast Transient Response
MAX797
CSL
CSH
VL
SYNC
REF
GND
V+
Q1
FB
100k
100k
+5V AT 1A
BST
DH
LX
DL
PGND
2N7002
OPTIONAL SYNC AND LOW-VOLTAGE
START-UP CIRCUIT
SKIP
SHDN
VIN
2.5V TO 5.25V
C2
100
μF
C3
100
μF
0.33
μF
0.033
Ω
0.01
μF
C1
100
μF
D1
1N4148
190kHz - 340kHz
1N4148
+3.3V
(EXTERNAL)
33k
4.7
μF
L1
5
μH
0.1
μF
L1 = SUMIDA CDRH125, 5
μH
D1 = MOTOROLA MBR130
C1 - C3 = AVX TPS 100
μF, 10V
Q1 = SILICONIX Si9936 (BOTH SECTIONS)
OR MOTOROLA MMDF3N03L
Figure 15. Low-Noise Boost Converter for Cellular Phones
____________________________________________Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com