Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 24Page - Maxim Integrated Products MAX797C/D Datasheet HTML 25Page - Maxim Integrated Products MAX797C/D Datasheet HTML 26Page - Maxim Integrated Products MAX797C/D Datasheet HTML 27Page - Maxim Integrated Products MAX797C/D Datasheet HTML 28Page - Maxim Integrated Products MAX797C/D Datasheet HTML 29Page - Maxim Integrated Products MAX797C/D Datasheet HTML 30Page - Maxim Integrated Products MAX797C/D Datasheet HTML 31Page - Maxim Integrated Products MAX797C/D Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
___________________Chip Topography
LX
SHDN
CSL
0.16O"
(4.064mm)
0.085"
(2.159mm)
FB
CSH
BST
DL
PGND
VL
V+
DH
SS
GND
SYNC
REF
SKIP
(SECFB)
( ) ARE FOR MAX796/MAX799 ONLY.
_Ordering Information (continued)
*Contact factory for dice specifications.
TRANSISTOR COUNT: 913
SUBSTRATE CONNECTED TO GND
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
32 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
PART
TEMP RANGE
PIN-PACKAGE
MAX797CPE
0°C to +70°C
16 Plastic DIP
MAX797CPE+
0°C to +70°C
16 Plastic DIP
MAX797CSE
0°C to +70°C
16 Narrow SO
MAX797CSE+
0°C to +70°C
16 Narrow SO
MAX797C/D
0°C to +70°C
Dice*
MAX797C/D+
0°C to +70°C
Dice*
MAX797EPE
-40°C to +85°C
16 Plastic DIP
MAX797EPE+
-40°C to +85°C
16 Plastic DIP
MAX797ESE
-40°C to +85°C
16 Narrow SO
MAX797ESE+
-40°C to +85°C
16 Narrow SO
MAX797MJE
-55°C to +125°C
16 CERDIP
MAX797MJE+
-55°C to +125°C
16 CERDIP
MAX799CPE
0°C to +70°C
16 Plastic DIP
MAX799CSE
0°C to +70°C
16 Narrow SO
MAX799C/D
0°C to +70°C
Dice*
MAX799EPE
-40°C to +85°C
16 Plastic DIP
MAX799ESE
-40°C to +85°C
16 Narrow SO
MAX799MJE
-55°C to +125°C
16 CERDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com