Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 2Page - Maxim Integrated Products MAX797C/D Datasheet HTML 3Page - Maxim Integrated Products MAX797C/D Datasheet HTML 4Page - Maxim Integrated Products MAX797C/D Datasheet HTML 5Page - Maxim Integrated Products MAX797C/D Datasheet HTML 6Page - Maxim Integrated Products MAX797C/D Datasheet HTML 7Page - Maxim Integrated Products MAX797C/D Datasheet HTML 8Page - Maxim Integrated Products MAX797C/D Datasheet HTML 9Page - Maxim Integrated Products MAX797C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
100
50
0.001
1
0.1
0.01
10
EFFICIENCY
vs. LOAD CURRENT, 5V/3A CIRCUIT
60
LOAD CURRENT (A)
70
80
90
STANDARD MAX797 5V/3A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 6V
VIN = 30V
100
50
0.001
1
0.1
0.01
10
EFFICIENCY
vs. LOAD CURRENT, 3.3V/3A CIRCUIT
60
LOAD CURRENT (A)
70
80
90
STANDARD MAX797 3.3V/3A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 12V
VIN = 30V
VIN = 5V
100
40
50
60
70
80
90
0.1
1
10
EFFICIENCY
vs. LOAD CURRENT, 3.3V/10A CIRCUIT
LOAD CURRENT (A)
SKIP = LOW
SKIP = HIGH
STANDARD MAX797 3.3V/10A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 5V
Step-Down Controllers with
Synchronous Rectifier for CPU Power
6
_______________________________________________________________________________________
MAX799
SHDN
DH
–5V
OUTPUT
+5V
OUTPUT
INPUT 6V TO 30V
BST
LX
DL
PGND
CSH
CSL
SS
REF
FROM
REF
SYNC
GND
V+
VL
FB
SECFB
_____________________________________Typical Operating Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com