Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30H65DFB2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF30H65DFB2
Description  Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30H65DFB2 Datasheet(HTML) 5 Page - STMicroelectronics

  STGF30H65DFB2 Datasheet HTML 1Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 2Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Power dissipation vs case temperature
GADG120220200916MT
50
40
30
20
10
0
25
75
125
175
PTOT [W]
°C
VGE≥ 15V, TJ≤175°C
Figure 2. Collector current vs case temperature
GADG120220200917MT
25
20
15
10
5
0
25
75
125
175
IC [A]
°C
VGE≥ 15V, TJ≤175°C
Figure 3. Output characteristics (TJ = 25 °C)
GADG111120191427OC25
75
60
45
30
15
0
0
1
2
3
4
5
IC
(A)
VCE (V)
VGE = 7V
VGE = 9V
VGE = 11V
VGE = 13V
VGE = 15V
Figure 4. Output characteristics (TJ = 175 °C)
GADG111120191428OC175
75
60
45
30
15
0
0
1
2
3
4
5
IC
(A)
VCE (V)
VGE = 7V
VGE = 9V
VGE = 11V
VGE = 13V
VGE = 15V
Figure 5. VCE(sat) vs junction temperature
GADG111120191429VCET
2.8
2.4
2.0
1.6
1.2
0.8
-50
0
50
100
150
TJ (°C)
IC = 15 A
IC = 30 A
IC = 60 A
VGE = 15 V
VCE(sat)
(V)
Figure 6. VCE(sat) vs collector current
GADG111120191430VCEC
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0
15
30
45
60
75
IC (A)
VCE(sat)
(V)
TJ = -40°C
TJ = 25°C
TJ = 175°C
STGF30H65DFB2
Electrical characteristics (curves)
DS13256 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com