Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30H65DFB2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGF30H65DFB2
Description  Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30H65DFB2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGF30H65DFB2 Datasheet HTML 2Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Forward bias safe operating area
GADG120220201030SOA
101
100
100
101
102
ID
(A)
VDS (V)
Single pulse, TC =25°C
TJ ≤175°C, VGE =15V
tp =10µs
tp =100µs
tp =1ms
tp =1µs
Figure 8. Collector current vs switching frequency
GADG120220200925TCH
20
10
0
1
10
100
IC
(A)
f(kHz)
TC =100°C
TC =80°C
Rectangular current shape
(duty cycle=0.5, VCC= 400V, RG=6.8Ω,
VGE=0/15V, TJ=175°C)
Figure 9. Transfer characteristics
75
60
45
30
15
0
5
6
7
8
9
10
IC
(A)
VGE (V)
TJ = 25 °C
TJ = 175 °C
VCE = 6 V
GADG111120191435TCH
Figure 10. Diode VF vs forward current
IGBT140120191350DVF
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
20
40
60
80
100
VF
(V)
IF (A)
Tj = -40 °C
Tj = 25 °C
Tj = 175 °C
Figure 11. Normalized VGE(th) vs junction temperature
IGBT090420181403NVGE
1.1
1.0
0.9
0.8
0.7
0.6
-50
0
50
100
150
VGE(th)
(norm.)
TJ (°C)
VCE=VGE
IC=1mA
Figure 12. Normalized V(BR)CES vs junction temperature
IGBT090420181404NVBR
1.08
1.04
1.00
0.96
0.92
-50
0
50
100
150
V(BR)CES
(norm.)
TJ (°C)
IC =1mA
STGF30H65DFB2
Electrical characteristics (curves)
DS13256 - Rev 2
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com