Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30H65DFB2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGF30H65DFB2
Description  Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30H65DFB2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGF30H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 10Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 11Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 12Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 13Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 14Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
TO-220FP package information
Figure 31. TO-220FP package outline
7012510_Rev_13_B
STGF30H65DFB2
Package information
DS13256 - Rev 2
page 11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com