Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30H65DFB2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGF30H65DFB2
Description  Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30H65DFB2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGF30H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 10Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 11Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 19. Switching times vs collector current
GADG101220191117TCC
10 2
10 1
10 0
0
10
20
30
40
50
60
VCC = 400 V, VGE = 15 V,
RG = 6.8 Ω, TJ = 175 °C
t (ns)
IC (A)
tr
td(off)
td(on)
tf
Figure 20. Switching times vs gate resistance
GADG101220191126TGR
10 2
10 1
10 0
0
10
20
30
40
VCC = 400 V, VGE = 15 V,
IC = 30 A, TJ = 175 °C
tr
td(off)
td(on)
tf
t (ns)
Rg (Ω)
Figure 21. Reverse recovery current vs diode current
slope
GADG101220191130ICS
35
30
25
20
15
250
750
1250 1750 2250 2750 di/dt (A/μs)
Irrm
(A) V
CC = 400 V, VGE = 15 V,
IF = 30 A, TJ = 175 °C
Figure 22. Reverse recovery time vs diode current slope
GADG101220191130TCS
280
260
240
220
200
250
750
1250 1750 2250 2750 di/dt (A/μs)
trr
(ns) V
CC = 400 V, VGE = 15 V,
IF = 30 A, TJ = 175 °C
Figure 23. Reverse recovery charge vs diode current
slope
GADG101220191130QCS
2700
2600
2500
2400
2300
2200
250
750
1250 1750 2250 2750
Qrr
(nC)
di/dt (A/μs)
VCC = 400 V, VGE = 15 V,
IF = 30 A, TJ = 175 °C
Figure 24. Reverse recovery energy vs diode current
slope
GADG101220191131ECS
0.9
0.8
0.7
0.6
0.5
250
750
1250 1750 2250 2750 di/dt (A/μs)
VCC = 400 V, VGE = 15 V,
IF = 30 A, TJ = 175 °C
Err
(mJ)
STGF30H65DFB2
Electrical characteristics (curves)
DS13256 - Rev 2
page 8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com