Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30H65DFB2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGF30H65DFB2
Description  Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30H65DFB2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGF30H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 10Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 11Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 12Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 13Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 14Page - STMicroelectronics STGF30H65DFB2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Table 7. TO-220FP package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
B
2.50
2.70
D
2.50
2.75
E
0.45
0.70
F
0.75
1.00
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.20
G1
2.40
2.70
H
10.00
10.40
L2
16.00
L3
28.60
30.60
L4
9.80
10.60
L5
2.90
3.60
L6
15.90
16.40
L7
9.00
9.30
Dia
3.00
3.20
STGF30H65DFB2
TO-220FP package information
DS13256 - Rev 2
page 12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com