Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34S32 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M34S32
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M34S32 Datasheet HTML 7Page - STMicroelectronics M34S32 Datasheet HTML 8Page - STMicroelectronics M34S32 Datasheet HTML 9Page - STMicroelectronics M34S32 Datasheet HTML 10Page - STMicroelectronics M34S32 Datasheet HTML 11Page - STMicroelectronics M34S32 Datasheet HTML 12Page - STMicroelectronics M34S32 Datasheet HTML 13Page - STMicroelectronics M34S32 Datasheet HTML 14Page - STMicroelectronics M34S32 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
M34S32
11/18
Example of an incorrect sequence, disabling the
Write in the OTP page:
Start
1010 0010
(OTP page select code)
Ack
xxxx 0000
(MSB address)
Ack
0000 0100
(incorrect LSB address)
Ack
(acknowledged, but...)
0100 1101
(the attempts at)
(no ack)
(writing data to the)
1100 1010
(OTP page are)
(no ack)
(not acknowledged)
0101 0011
(no ack)
Stop
Figure 10. Write Modes Sequence with WC = 0
and WCpol = 0
Note: 1. The device has the same behavior when WC = 1 and
WCpol = 1.
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01106B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
Minimizing System Delay by Polling On ACK.
During the internal Write cycle, the memory disa-
bles itself from the bus in order to copy the data
from the internal latches to the memory cells. The
maximum value of the Write time (tW) is given in
the AC Characteristics table, this timing value may
be reduced by an ACK polling sequence issued by
the master.
The sequence is:
– Initial condition: a Write is in progress (see Fig-
ure 7).
– Step 1: the Master issues a START condition fol-
lowed by a Device Select Byte. (1st byte of the
new instruction)
– Step 2: if the memory is internally writing, no
ACK will be returned. The Master goes back to
Step1. If the memory has terminated the internal
writing, it will issue an ACK.
The memory is ready to receive the second part of
the instruction (the first byte of this instruction was
already sent during Step1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com