Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34S32 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M34S32
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M34S32 Datasheet HTML 10Page - STMicroelectronics M34S32 Datasheet HTML 11Page - STMicroelectronics M34S32 Datasheet HTML 12Page - STMicroelectronics M34S32 Datasheet HTML 13Page - STMicroelectronics M34S32 Datasheet HTML 14Page - STMicroelectronics M34S32 Datasheet HTML 15Page - STMicroelectronics M34S32 Datasheet HTML 16Page - STMicroelectronics M34S32 Datasheet HTML 17Page - STMicroelectronics M34S32 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
M34S32
15/18
ORDERING INFORMATION SCHEME
Devices are shipped from the factory with the
memory content set at all “1”s (FFh).
For a list of available options, refer to the current
Memory Shortform Catalogue.
Note: 1. Temperature range 1 is available on request only.
AI02469
M 34 S 32 - W MN 1 T
Capacity
32: 32 Kb (4Kx8)
Option
T: Tape & Reel
Packing
Temp. Range
1: 0 to 70 oC
6: -40 to 85 oC
5: -20 to 85 oC
(see note 1)
Example:
Supply Voltage
blank: 4.5 to 5.5 V
W: 2.5 to 5.5 V
Package
BN: PSDIP8
0.25 mm frame
MN: SO8
150 mil body width
For further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to
you.
In general, the fields of the product number are
made up as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com