Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34S32 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M34S32
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32 Datasheet(HTML) 2 Page - STMicroelectronics

  M34S32 Datasheet HTML 1Page - STMicroelectronics M34S32 Datasheet HTML 2Page - STMicroelectronics M34S32 Datasheet HTML 3Page - STMicroelectronics M34S32 Datasheet HTML 4Page - STMicroelectronics M34S32 Datasheet HTML 5Page - STMicroelectronics M34S32 Datasheet HTML 6Page - STMicroelectronics M34S32 Datasheet HTML 7Page - STMicroelectronics M34S32 Datasheet HTML 8Page - STMicroelectronics M34S32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
M34S32
Figure 3. DIP Pin Connections
Table 2. Absolute Maximum Ratings(1)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8 package)
40 sec
215
°C
(PSDIP8
package)
10 sec
260
°C
VIO
Input or Output Voltages
–0.6 to 6.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage
(Human Body model)
1. MIL-STD-883C, 3015.7 (100 pF,
1500
Ω)
4000
V
Electrostatic Discharge Voltage
(Machine model)
2. EIAJ
IC-121
(Condition
C)
(200 pF, 0
Ω)
500
V
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
SDA
VSS
SCL
WC
NC
NC
VCC
WCR
AI02448
M34S32
1
2
3
4
8
7
6
5
Figure 4. SO Pin Connections
1
AI02449
2
3
4
8
7
6
5
SDA
VSS
SCL
WC
NC
NC
VCC
WCR
M34S32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com