Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34S32 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M34S32
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M34S32 Datasheet HTML 10Page - STMicroelectronics M34S32 Datasheet HTML 11Page - STMicroelectronics M34S32 Datasheet HTML 12Page - STMicroelectronics M34S32 Datasheet HTML 13Page - STMicroelectronics M34S32 Datasheet HTML 14Page - STMicroelectronics M34S32 Datasheet HTML 15Page - STMicroelectronics M34S32 Datasheet HTML 16Page - STMicroelectronics M34S32 Datasheet HTML 17Page - STMicroelectronics M34S32 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14/18
M34S32
Sequence A:
Start
OTP Page Select(= 1010 0010)
Ack
Address MSB
(= xxxx 0000)
Ack
Address LSB
(= 000x xxxx)
Ack
Sequence B:
Start
OTP Page Select(= 1010 0011)
Ack
Data
Ack
........
Data
(no Ack)
Stop
If one, or more bits of the Sequence A differ from
the above values, the bytes that follow it will be ac-
knowledged (or not) according to the same rules
as for the WRITE IN OTP, and the RANDOM AD-
DRESS READ IN OTP will be ignored.
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
memory continues to output the next byte in se-
quence. To terminate the stream of bytes, the
master must NOT acknowledge the last byte out-
put, but MUST generate a STOP condition.
The output data is from consecutive byte ad-
dresses, with the internal byte address counter au-
tomatically incremented after each byte output. Af-
ter a count of the last memory address, the
address counter will “roll-over” and the memory
will continue to output data.
A Sequential Read in the OTP page is performed
by sending the appropriate Device Select Byte, as
described in Table 3. If a sequential read reaches
the last location in the OTP page (address 1Fh),
subsequent Sequential Reads will wrap round to
the start, to address 00h.
Acknowledge in Read Mode. In all read modes
the memory waits for an acknowledge during the
9th bit time. If the master does not pull the SDA
line low during this time, the memory terminates
the data transfer and switches to a stand-by state.
APPLICATION HINTS ON HOW TO USE THE
CONTROL REGISTER TOGETHER WITH THE /
WCR PIN
The application board can be designed in such a
way that WCR pin is connected to VSS (directly or
through a pull-down resistor). It should be noted
that the WCR pin features an internal pull-down re-
sistor allowing this input to be left unconnected.
With such a P.C.B. (Printed Circuit Board), the de-
vice can be initialised according to following set-up
sequence :
1. Write the data that is to be Write protected:
– Write data in the area starting from address
00h up to the desired address.
2. Write in the Control Register (single byte write
using the following bits):
– Set B2, B1 and B0 values according to the
ROM block size (as defined in Table 15)
– Set WCpol according to the application
needs.
– Set CRWD bit to 1
Once the CRWD bit is set to 1, the control register
becomes Write Protected. The only way to write
again to the Control Register is to set the WCR pin
high. This is possible by applying VCC to WCR if it
was previously floating or connected to VSS
through an external pull-down resistor. If WCR is
shorted to VSS, the device needs to be de-sol-
dered from the PCB.
OTHER NOTES
The WCR pin has an internal pull-down resistor.
Connecting this pin to GND does not affect the
power consumption, thus giving the M34S32 its
lowest power consumption when it is in Protected
mode.
The OTP page may be programmed before or af-
ter the hardware protected mode has been set (by
setting the CRWD bit). This allows the application
MCU to program the OTP page either on the as-
sembly line or during the operating life of the appli-
cation.
The WC pin (but not the WCR pin) may be driven
dynamically by the MCU to increase the immunity
to data corruption of the unprotected EEPROM ar-
ea. This pin may alternatively be pulled to VCC or
GND (depending on which is appropriate, accord-
ing to the setting of the WCpol bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com