Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34S32 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M34S32
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M34S32 Datasheet HTML 8Page - STMicroelectronics M34S32 Datasheet HTML 9Page - STMicroelectronics M34S32 Datasheet HTML 10Page - STMicroelectronics M34S32 Datasheet HTML 11Page - STMicroelectronics M34S32 Datasheet HTML 12Page - STMicroelectronics M34S32 Datasheet HTML 13Page - STMicroelectronics M34S32 Datasheet HTML 14Page - STMicroelectronics M34S32 Datasheet HTML 15Page - STMicroelectronics M34S32 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12/18
M34S32
Figure 11. Write Modes Sequence with WC = 1
and WCpol = 0
Note: 1. The device has the same behavior when WC = 0 and
WCpol = 1.
Read Operations
On delivery, the memory content is set at all “1”s
(or FFh).
Current Address Read. The memory has an in-
ternal address counter. Each time a byte is read,
this counter is incremented. For the Current Ad-
dress Read mode, following a START condition,
the master sends a Device Select Byte with the
RW bit set to 1. The memory acknowledges this
and outputs the byte addressed by the internal ad-
dress counter. This counter is then incremented.
The master does NOT acknowledge the byte out-
put, but terminates the transfer with a STOP con-
dition.
A Current Address Read in the OTP page is per-
formed by sending the appropriate Device Select
Byte, as described in Table 3.
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01120B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
ACK
ACK
NO ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK
Let us suppose, again, that byte N of the OTP
page has just been addressed (for example be-
cause of a Write in the OTP page or a Random
read in the OTP page). If the next instruction uses
the Current Address Read Mode of the device, the
first byte read in EEPROM will be in page 0, at ad-
dress N+1 (or page 1, byte 0 if the last OTP byte
addressed was at location 31).
Random Address Read. A dummy write is per-
formed to load the address into the address coun-
ter, see Figure 10. This is followed by another
START condition from the master and the byte ad-
dress repeated with the RW bit set to 1. The mem-
ory acknowledges this and outputs the byte
addressed. The master does NOT acknowledge
the byte output, but terminates the transfer with a
STOP condition.
Specific features of the Random Address read
in the OTP page. This instruction must consist of
the two sequences shown on page 14 (Sequence
A followed by Sequence B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com