Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801ARS-0 Datasheet(PDF) 27 Page - Powertip Technology

Part # PC0801ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARS-0 Datasheet(HTML) 27 Page - Powertip Technology

Back Button PC0801ARS-0 Datasheet HTML 23Page - Powertip Technology PC0801ARS-0 Datasheet HTML 24Page - Powertip Technology PC0801ARS-0 Datasheet HTML 25Page - Powertip Technology PC0801ARS-0 Datasheet HTML 26Page - Powertip Technology PC0801ARS-0 Datasheet HTML 27Page - Powertip Technology PC0801ARS-0 Datasheet HTML 28Page - Powertip Technology PC0801ARS-0 Datasheet HTML 29Page - Powertip Technology PC0801ARS-0 Datasheet HTML 30Page - Powertip Technology PC0801ARS-0 Datasheet HTML 31Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
ST7066U
V2.0
2001/03/01
4/42
!"Pad Arrangement
1
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
24
25
26
27
28
29
30
31
32
33
3
35
36
37
38
39
40
41
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
ST7066U
(0,0)
Substrate Connect to VDD.
Chip Size : 2300x3000μm
Coordinate : Pad Center
Origin : Chip Center
Min Pad Pitch : 120μm
Pad Size : 96x96μm
SEG22
SEG21
SEG20
SEG19
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG09
SEG08
SEG07
SEG06
SEG05
SEG04
SEG03
SEG02
SEG01
GND
OSC1
SEG39
SEG40
COM16
DB7
DB6
DB5
DB4
DB3
DB2
COM15
COM14
COM13
COM12
COM11
COM10
COM09
COM08
COM07
COM06
COM05
COM04
COM03
COM02
COM01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com