Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801ARS-0 Datasheet(PDF) 31 Page - Powertip Technology

Part # PC0801ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARS-0 Datasheet(HTML) 31 Page - Powertip Technology

Back Button PC0801ARS-0 Datasheet HTML 27Page - Powertip Technology PC0801ARS-0 Datasheet HTML 28Page - Powertip Technology PC0801ARS-0 Datasheet HTML 29Page - Powertip Technology PC0801ARS-0 Datasheet HTML 30Page - Powertip Technology PC0801ARS-0 Datasheet HTML 31Page - Powertip Technology PC0801ARS-0 Datasheet HTML 32Page - Powertip Technology PC0801ARS-0 Datasheet HTML 33Page - Powertip Technology PC0801ARS-0 Datasheet HTML 34Page - Powertip Technology PC0801ARS-0 Datasheet HTML 35Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
ST7066U
V2.0
2001/03/01
8/42
!"
Pin Function
Name
Number
I/O Interfaced with
Function
RS
1
I
MPU
Select registers.
0: Instruction register (for write) Busy flag:
address counter (for read)
1: Data register (for write and read)
R/W
1
I
MPU
Select read or write.
0: Write
1: Read
E
1
I
MPU
Starts data read/write.
DB4 to DB7
4
I/O
MPU
Four high order bi-directional tristate data bus
pins. Used for data transfer and receive
between the MPU and the ST7066U. DB7 can
be used as a busy flag.
DB0 to DB3
4
I/O
MPU
Four low order bi-directional tristate data bus
pins. Used for data transfer and receive
between the MPU and the ST7066U.
These pins are not used during 4-bit operation.
CL1
1
O
Extension driver
Clock to latch serial data D sent to the
extension driver
CL2
1
O
Extension driver
Clock to shift serial data D
M
1
O
Extension driver
Switch signal for converting the liquid crystal
drive waveform to AC
D
1
O
Extension driver
Character pattern data corresponding to each
segment signal
COM1 to
COM16
16
O
LCD
Common signals that are not used are changed
to non-selection waveform. COM9 to COM16
are non-selection waveforms at 1/8 duty factor
and COM12 to COM16 are non-selection
waveforms at 1/11 duty factor.
SEG1 to
SEG40
40
O
LCD
Segment signals
V1 to V5
5
-
Power supply
Power supply for LCD drive
VCC - V5 = 10 V (Max)
VCC , GND
2
-
Power supply
VCC : 2.7V to 5.5V, GND: 0V
OSC1, OSC2
2
Oscillation
resistor clock
When crystal oscillation is performed, a resistor
must be connected externally. When the pin
input is an external clock, it must be input to OSC1.
Note:
1. Vcc>=V1>=V2>=V3>=V4>=V5 must be maintained
2. Two clock options:
R
OSC1
OSC2
OSC2
Clock
input
R=91K
Ω(Vcc=5V)
R=75K
Ω(Vcc=3V)
OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com