Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801ARS-0 Datasheet(PDF) 22 Page - Powertip Technology

Part # PC0801ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARS-0 Datasheet(HTML) 22 Page - Powertip Technology

Back Button PC0801ARS-0 Datasheet HTML 18Page - Powertip Technology PC0801ARS-0 Datasheet HTML 19Page - Powertip Technology PC0801ARS-0 Datasheet HTML 20Page - Powertip Technology PC0801ARS-0 Datasheet HTML 21Page - Powertip Technology PC0801ARS-0 Datasheet HTML 22Page - Powertip Technology PC0801ARS-0 Datasheet HTML 23Page - Powertip Technology PC0801ARS-0 Datasheet HTML 24Page - Powertip Technology PC0801ARS-0 Datasheet HTML 25Page - Powertip Technology PC0801ARS-0 Datasheet HTML 26Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
11. Clarification to the term "rainbow" effect:
This refers to a red and green circle or rainbow on the LCD glass. The LCD panel
under uneven pressure causes this problem from the bezel. It is very common in LCD
modules and normally it will not affect the performance or the appearance of the
display when operational.
12. Pin assignments for a Character module:
Example of a standard 14-pin character module:
PIN 1: Vss
PIN 2: Vdd
PIN 3: Vo
PIN 4: RS
PIN 5: R/W
PIN 6: Enable
PIN 7 ~ 14: DB0 ~ DB7
13. What is temperature compensation and why is required
A LCD operating voltage varies at different temperatures. The operating voltage must
rise as temperature lowers or the contrast will degrade. Conversely, the operating
temperature must fall as the temperature rises or the contrast will degrade. For this
reason it is often a requirement, with graphics modules, to control the input voltage
accordingly. The temperature compensation circuit is the circuit that controls the input
voltage as the temperature changes. This temperature compensation circuit can be
located on the LCD module or on the customer's motherboard.
14. Troubleshooting a LED backlit module in which the display is turning
dark:
This problem is more than likely caused by the temperature rise from the LED
backlight. In this case the LED backlight has consumed too much of the power. When
the temperature rises, the V
LCD becomes lower causing the input voltage to be too
high. The result is a poor contrast and the display becoming too dark. The solution
would be to lower the power consumption of the LED. This can be accomplished by
raising the value of R8 or R9 to reduce the current to the LED backlight.
15. How to control the LED backlight on a 14-pin module:
Short J2, the Vdd is controlling the input to the LED backlight. In addition, it is
necessary to place a current limiting resistor to lower the voltage from 5V to 4.2V.
Note: If the LED is drawing too much current, it may cause the Vdd † Vo too low and
the contrast becomes poor. If this should occur increasing the value of R9 should
decrease the current draw to the LED backlight or another approach would be to
increase the voltage input to the LCD by decreasing the value of R7.
16. Examples of the current consumption of an LED backlit, EL backlit and
the LCD for the following modules:
Page 5 of 6
Powertip USA
11/10/2004
http://www.powertipusa.com/qa.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com